Part Number Hot Search : 
00TTS LR120 SOT533 KIA70 IRSF3031 BR305 HSK277 ZFMG07A2
Product Description
Full Text Search
 

To Download ST62T20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST62Exx-EPB
EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
HARDWARE FEATURES s Programs the ST62Exx EPROM and OTP MCUs s Standalone and Remote modes s All packages supported (except SSOP) SOFTWARE FEATURES s Windows 95, 98, NT software s S19 or INTEL hex file formats DESCRIPTION Different programming boards are designed for programming the various EPROM and OTP devices of the ST62 microcontroller family. For a particular device, all available packages (except SSOP) are supported by the same programming board. It can run either in standalone or remote mode (connected to a PC). In standalone mode, the microcontrollers can be programmed by simply pressing a key to start copying the code from a master EPROM device or a master microcontroller. Two-color LEDs indicate if the operation has passed or failed. In standalone mode an EPROM memory or a master MCU is plugged into the programming board. The code from the EPROM or the master MCU is read and programmed into the ST62 EPROM or OTP device. Both VERIFY and BLANK CHECK functions are provided. In remote mode, the programming board is connected to a PC through an RS232 serial channel or a parallel port. Object code in either S19 or INTEL HEX format is read from disk file to program the ST62 EPROM or OTP device. The Windows software also offers VERIFY, BLANK CHECK, READ MASTER functions. The software allows various user friendly facilities, such as re-instating the same programming session, user selectable programming steps; it also allows serial numbering with auto-incrementation.
October 2000
This is advance information from STMicroelectronics. Details are subject to change without notice.
1/3
643
ST62Exx-EPB
ORDERING INFORMATION
Sales Types Supported Devices (3) ST62T00 ST62T01 ST62E01 ST62T03 ST62T08 ST62T09 ST62T10 ST62T15 ST62T18 ST62E18 ST62T20 ST62E20 ST62T25 ST62E25 ST62T28 ST62E28 ST62T30 ST62E30 ST62T32 ST62E32 ST62T40 ST62E40 ST62T42 ST62E42 ST62T46 ST62E46 ST62T52 ST62T53 ST62T55 ST62T60 ST62E60 ST62T62 ST62E62 ST62T63 ST62T65 ST62E65 ST62T80 ST62E80 ST62T85 ST62E85 Supported Packages
ST62E2XC- EPB/xxx1
DIP16 DIP20 DIP28 SO16 SO20 SO28
ST62E3X-EPB/xxx1
DIP28 SO28 SDIP42
ST62E4XB-EPB/xxx1
SDIP56 QFP64 QFP80
ST626XC-EPB/xx2
DIP16 SO16 DIP20 SO20 DIP28 SO28
ST62E8X-EPB/xxx1
QFP100 QFP80
Notes : 1. ST62Exx-EPB/110 : 110V Power Supply ST62Exx-EPB/220 : 220V Power Supply 2. ST62Exx-EPB/US : 110V Power Supply ST62Exx-EPB/EU : 220V Power Supply ST62Exx-EPB/UK : 240V Power Supply 3. Each EPB supports all variants of its relating device when relevant (/SW, /HW, B or C)
2/3
644
ST62Exx-EPB
Notes:
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c)2000 STMicroelectronics - All Rights Reserved. Purchase of I C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips. STMicroelectronics Group of Companies Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain Sweden - Switzerland - United Kingdom - U.S.A.
2
http://www.st.com
3/3


▲Up To Search▲   

 
Price & Availability of ST62T20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X